|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
R1LV1616HBG-I Series Wide Temperature Range Version 16 M SRAM (1-Mword x 16-bit) REJ03C0263-0100 Rev.1.00 Sep.21.2005 Description The R1LV1616HBG-I Series is 16-Mbit static RAM organized 1-Mword x 16-bit. R1LV1616HBG-I Series has realized higher density, higher performance and low power consumption by employing CMOS process technology (6transistor memory cell). It offers low power standby power dissipation; therefore, it is suitable for battery backup systems. It is packaged in 48-ball plastic FBGA for high density surface mounting. Features * Single 3.0 V supply: 2.7 V to 3.6 V * Fast access time: 45/55 ns (max) * Power dissipation: Active: 9 mW/MHz (typ) Standby: 1.5 W (typ) * Completely static memory. No clock or timing strobe required * Equal access and cycle times * Common data input and output. Three state output * Battery backup operation. 2 chip selection for battery backup * Temperature range: -40 to +85C Ordering Information Type No. R1LV1616HBG-4SI R1LV1616HBG-5SI Access time 45 ns 55 ns Package 48-ball plastic FBGA with 0.75 mm ball pitch PTBG0048HF (48FHJ) Rev.1.00, Sep.21.2005, page 1 of 13 R1LV1616HBG-I Series Pin Arrangement 48-ball FBGA 1 A LB# 2 OE# 3 A0 4 A1 5 A2 6 CS2 B I/O8 UB# A3 A4 CS1# I/O0 C I/O9 I/O10 A5 A6 I/O1 I/O2 D VSS I/O11 A17 A7 I/O3 VCC E VCC I/O12 VSS A16 I/O4 VSS F I/O14 I/O13 A14 A15 I/O5 I/O6 G I/O15 A19 A12 A13 WE# I/O7 H A18 A8 A9 A10 A11 NU (Top view) Pin Description Pin name A0 to A19 Address input I/O0 to I/O15 Data input/output CS1# (CS1) Chip select 1 CS2 Chip select 2 WE# (WE) Write enable OE# (OE) Output enable LB# (LB) Lower byte select UB# (UB) Upper byte select VCC Power supply VSS Ground NU*1 Not used (test mode pin) Note: 1. This pin should be connected to a ground (VSS), or not be connected (open). Function Rev.1.00, Sep.21.2005, page 2 of 13 R1LV1616HBG-I Series Block Diagram LSB A19 A8 A9 A10 A11 A12 A13 A14 A16 A18 A15 A3 MSB A6 V CC V SS Row decoder * * * * * Memory matrix 8,192 x 128 x 16 I/O0 Input data control I/O15 * * Column I/O Column decoder * * MSB A17 A7 A5 A4 A2 A1 A0 LSB * * CS2 CS1# LB# UB# WE# OE# Control logic Rev.1.00, Sep.21.2005, page 3 of 13 R1LV1616HBG-I Series Operation Table CS1# CS2 WE# OE# H x x x x L x x x x x x L H H L L H H L L H H L L H L x L H L x L H L x L H H H Note: H: VIH, L: VIL, x: VIH or VIL UB# x x H L H L L H L x LB# x x H L L H L L H x I/O0 to I/O7 High-Z High-Z High-Z Dout Dout High-Z Din Din High-Z High-Z I/O8 to I/O15 High-Z High-Z High-Z Dout High-Z Dout Din High-Z Din High-Z Operation Standby Standby Standby Read Lower byte read Upper byte read Write Lower byte write Upper byte write Output disable Absolute Maximum Ratings Parameter Power supply voltage relative to VSS Terminal voltage on any pin relative to VSS Power dissipation Storage temperature range Storage temperature range under bias Notes: 1. VT min: -2.0 V for pulse half-width 10 ns. 2. Maximum voltage is +4.6 V. Symbol VCC VT PT Tstg Tbias Value -0.5 to +4.6 -0.5*1 to VCC + 0.3*2 1.0 -55 to +125 -40 to +85 Unit V V W C C DC Operating Conditions Symbol Supply voltage VCC VSS Input high voltage VIH Input low voltage VIL Ambient temperature range Ta Note: 1. VIL min: -2.0 V for pulse half-width 10 ns. Parameter Min 2.7 0 2.2 -0.3 -40 Typ 3.0 0 Max 3.6 0 VCC + 0.3 0.6 +85 Unit V V V V C Note 1 Rev.1.00, Sep.21.2005, page 4 of 13 R1LV1616HBG-I Series DC Characteristics Parameter Input leakage current Output leakage current Symbol |ILI| |ILO| Min Typ Max 1 1 Unit Test conditions A Vin = VSS to VCC A CS1# = VIH or CS2 = VIL or OE# = VIH or WE# = VIL or LB# = UB# = VIH, VI/O = VSS to VCC mA CS1# = VIL, CS2 = VIH, Others = VIH/ VIL, II/O = 0 mA mA Min. cycle, duty = 100%, II/O = 0 mA, CS1# = VIL, CS2 = VIH, WE# = VIH, Others = VIH/VIL mA Min. cycle, duty = 100%, II/O = 0 mA, CS1# = VIL, CS2 = VIH, Others = VIH/VIL mA Cycle time = 70 ns, duty = 100%, II/O = 0 mA, CS1# = VIL, CS2 = VIH, WE# = VIH, Others = VIH/VIL Address increment scan or decrement scan mA Cycle time = 70 ns, duty = 100%, II/O = 0 mA, CS1# = VIL, CS2 = VIH, Others = VIH/VIL Address increment scan or decrement scan Cycle time = 1 s, duty = 100%, II/O = 0 mA, CS1# 0.2 V, CS2 VCC - 0.2 V VIH VCC - 0.2 V, VIL 0.2 V CS2 = VIL 0 V Vin (1) 0 V CS2 0.2 V or (2) CS1# VCC - 0.2 V, CS2 VCC - 0.2 V or (3) LB# = UB# VCC - 0.2 V, CS2 VCC - 0.2 V, CS1# 0.2 V Average value IOH = -1 mA IOH = -100 A IOL = 2 mA IOL = 100 A Operating current Average operating current ICC ICC1 (READ) ICC1 22* 1 20 35 30*1 50 ICC2 (READ) 3* 1 8 ICC2 20*1 30 ICC3 3*1 8 mA Standby current ISB ISB1 0.1*1 0.5* 1 0.5 8 mA A VOH 2.4 V VOH VCC - 0.2 V Output low voltage VOL 0.4 V VOL 0.2 V Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25C and not guaranteed. Output high voltage Rev.1.00, Sep.21.2005, page 5 of 13 R1LV1616HBG-I Series Capacitance (Ta = +25C, f = 1.0 MHz) Parameter Symbol Min Typ Input capacitance Cin Input/output capacitance CI/O Note: 1. This parameter is sampled and not 100% tested. Max 8 10 Unit pF pF Test conditions Vin = 0 V VI/O = 0 V Note 1 1 AC Characteristics (Ta = -40 to +85C, VCC = 2.7 V to 3.6 V) Test Conditions * * * * Input pulse levels: VIL = 0.4 V, VIH = 2.4 V Input rise and fall time: 5 ns Input and output timing reference levels: 1.4 V Output load: See figures (Including scope and jig) 1.4 V RL=500 Dout 50pF Rev.1.00, Sep.21.2005, page 6 of 13 R1LV1616HBG-I Series Read Cycle R1LV1616HBG-I -4SI -5SI Max Min Max 55 45 55 45 55 45 55 30 35 10 45 55 10 10 5 5 20 0 20 20 0 20 15 0 20 15 0 20 Parameter Read cycle time Address access time Chip select access time Output enable to output valid Output hold from address change LB#, UB# access time Chip select to output in low-Z LB#, UB# enable to low-Z Output enable to output in low-Z Chip deselect to output in high-Z LB#, UB# disable to high-Z Output disable to output in high-Z Symbol tRC tAA tACS1 tACS2 tOE tOH tBA tCLZ1 tCLZ2 tBLZ tOLZ tCHZ1 tCHZ2 tBHZ tOHZ Min 45 10 10 10 5 5 0 0 0 0 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Notes 2, 3 2, 3 2, 3 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Write Cycle R1LV1616HBG-I -4SI -5SI Parameter Symbol Min Max Min Max Unit Notes Write cycle time tWC 45 55 ns Address valid to end of write tAW 45 50 ns Chip selection to end of write tCW 45 50 ns 5 Write pulse width tWP 35 40 ns 4 LB#, UB# valid to end of write tBW 45 50 ns Address setup time tAS 0 0 ns 6 Write recovery time tWR 0 0 ns 7 Data to write time overlap tDW 25 25 ns Data hold from write time tDH 0 0 ns Output active from end of write tOW 5 5 ns 2 Output disable to output in high-Z tOHZ 0 15 0 20 ns 1, 2 Write to output in high-Z tWHZ 0 15 0 20 ns 1, 2 Notes: 1. tCHZ, tOHZ, tWHZ and tBHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referred to output voltage levels. 2. This parameter is sampled and not 100% tested. 3. At any given temperature and voltage condition, tHZ max is less than tLZ min both for a given device and from device to device. 4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE# and a low LB# or a low UB#. A write begins at the latest transition among CS1# going low, CS2 going high, WE# going low and LB# going low or UB# going low. A write ends at the earliest transition among CS1# going high, CS2 going low, WE# going high and LB# going high or UB# going high. tWP is measured from the beginning of write to the end of write. 5. tCW is measured from the later of CS1# going low or CS2 going high to the end of write. 6. tAS is measured from the address valid to the beginning of write. 7. tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle. Rev.1.00, Sep.21.2005, page 7 of 13 R1LV1616HBG-I Series Timing Waveform Read Cycle t RC Address tAA tACS1 CS1# tCLZ1 tCHZ1 Valid address CS2 tACS2 tCLZ2 tCHZ2 tBHZ tBA LB#, UB# tBLZ tOE OE# tOLZ Dout High impedance Valid data tOH tOHZ Rev.1.00, Sep.21.2005, page 8 of 13 R1LV1616HBG-I Series Write Cycle (1) (WE# Clock) tWC Address Valid address tWR tCW CS1# tCW CS2 tBW LB#, UB# tAW tWP WE# tAS tDW Din tWHZ Valid data tDH tOW High impedance Dout Rev.1.00, Sep.21.2005, page 9 of 13 R1LV1616HBG-I Series Write Cycle (2) (CS1#, CS2 Clock, OE# = VIH) tWC Address tAS CS1# tAS CS2 tBW LB#, UB# tCW Valid address tAW tCW tWR tWP WE# tDW Din Valid data tDH Dout High impedance Rev.1.00, Sep.21.2005, page 10 of 13 R1LV1616HBG-I Series Write Cycle (3) (LB#, UB# Clock, OE# = VIH) tWC Address Valid address tAW tCW CS1# tCW CS2 tAS UB# (LB#) tBW LB# (UB#) tBW tWR tWP WE# tDW Din-UB (Din-LB) Valid data tDW Valid data tDH tDH Din-LB (Din-UB) Dout High impedance Rev.1.00, Sep.21.2005, page 11 of 13 R1LV1616HBG-I Series Low VCC Data Retention Characteristics (Ta = -40 to +85C) Parameter VCC for data retention Symbol VDR Min 1.5 Typ Max 3.6 Unit V Test conditions*2 Vin 0 V (1) 0 V CS2 0.2 V or (2) CS2 VCC - 0.2 V, CS1# VCC - 0.2 V or (3) LB# = UB# VCC - 0.2 V, CS2 VCC - 0.2 V, CS1# 0.2 V VCC = 3.0 V, Vin 0 V (1) 0 V CS2 0.2 V or (2) CS2 VCC - 0.2 V, CS1# VCC - 0.2 V or (3) LB# = UB# VCC - 0.2 V, CS2 VCC - 0.2 V, CS1# 0.2 V Average value See retention waveforms Data retention current ICCDR 0.5*1 8 A Chip deselect to data retention time Operation recovery time tCDR tR 0 5 ns ms Notes: 1. Typical values are at VCC = 3.0 V, Ta = +25C and not guaranteed. 2. CS2 controls address buffer, WE# buffer, CS1# buffer, OE# buffer, LB#, UB# buffer and Din buffer. If CS2 controls data retention mode, Vin levels (address, WE#, OE#, CS1#, LB#, UB#, I/O) can be in the high impedance state. If CS1# controls data retention mode, CS2 must be CS2 VCC - 0.2 V or 0 V CS2 0.2 V. The other input levels (address, WE#, OE#, LB#, UB#, I/O) can be in the high impedance state. Rev.1.00, Sep.21.2005, page 12 of 13 R1LV1616HBG-I Series Low VCC Data Retention Timing Waveform (1) (CS1# Controlled) t CDR V CC 2.7 V Data retention mode tR 2.2 V V DR CS1# 0V CS1# VCC - 0.2 V Low VCC Data Retention Timing Waveform (2) (CS2 Controlled) t CDR V CC 2.7 V CS2 V DR 0.6 V 0V 0 V < CS2 < 0.2 V Data retention mode tR Low VCC Data Retention Timing Waveform (3) (LB#, UB# Controlled) t CDR V CC 2.7 V Data retention mode tR 2.2 V V DR LB#, UB# 0V LB#, UB# V CC - 0.2 V Rev.1.00, Sep.21.2005, page 13 of 13 Revision History Rev. 0.01 1.00 Date Apr. 29. 2005 Sep. 21. 2005 Page Initial issue Deletion of Preliminary R1LV1616HBG-I Series Data Sheet Contents of Modification Description Sales Strategic Planning Div. Keep safety first in your circuit designs! Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan 1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein. RENESAS SALES OFFICES Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145 http://www.renesas.com Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510 (c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan. Colophon .3.0 |
Price & Availability of R1LV1616HBG-4SI |